Part Number Hot Search : 
1N4614 SMAJ4744 VFD10C05 CLSA0603 DS168805 F2805 4013B DTA144EE
Product Description
Full Text Search
 

To Download DS3988T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rev 0; 4/05
8-Channel Cold-Cathode Fluorescent Lamp Controller
General Description
The DS3988 is an 8-channel controller for cold-cathode fluorescent lamps (CCFLs) used to backlight liquid crystal displays (LCDs) in TV and PC monitor applications. The DS3988 supports configurations of 1 to 8 lamps, and multiple DS3988 controllers can be cascaded to support applications requiring more than 8 lamps.
Features
High-Density CCFL Controller for LCD TV and PC Monitor Backlights Can Be Easily Cascaded to Support More Than 8 Lamps Minimal External Components Analog Brightness Control Per-Channel Lamp Control Ensures Equal Brightness Among Lamps and Maximizes Lamp Life Gate Driver Phasing Minimizes DC Supply Current Surges Per-Channel Lamp Fault Monitoring for Lamp Open, Lamp Overcurrent, Failure to Strike, and Overvoltage Conditions Accurate (5%) Independent On-Board Oscillators for Lamp Frequency (40kHz to 80kHz) and DPWM Burst Dimming Frequency (22.5Hz to 440Hz) Can Be Synchronized to External Sources for the Lamp and DPWM Frequencies <10% to 100% Dimming Range Programmable Soft-Start Minimizes Audible Transformer Noise
DS3988
Applications
LCD Televisions LCD PC Monitors
Ordering Information
PART DS3988T DS3988T+ TEMP RANGE -40C to +85C -40C to +85C PIN-PACKAGE 48 TQFP 48 TQFP
+Denotes lead-free package.
Pin Configuration
SVM BRIGHT GND POSC PSYNC A0 LOSC LSYNC
48
VCC
47
46
45
44
43
42
41
40
39
38
37
SDA
TOP VIEW
FAULT SCL
GA1 GB1 LCM1 OVD1 GA2 GB2 LCM2 OVD2 GA3 GB3 LCM3 OVD3
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
36 35 34 33 32 31 30 29 28 27 26 25
OVD8 LCM8 GB8 GA8 OVD7 LCM7 GB7 GA7 OVD6 LCM6 GB6 GA6
I2C-Compatible Serial Port and On-Board Nonvolatile (NV) Memory Allow Device Customization 8-Byte NV User Memory for Storage of Serial Numbers and Date Codes 4.5V to 5.5V Single-Supply Operation -40C to +85C Temperature Range 48-Lead TQFP (7mm x 7mm) Package
DS3988
I2C is a trademark of Philips Corp. Purchase of I2C components from Maxim Integrated Products, Inc., or one of its sublicensed Associated Companies, conveys a license under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
48-LEAD TQFP 7 x 7 x 1.0mm Typical Operating Circuit appears at end of data sheet.
GB5 LCM5 OVD5 VCC GND
GND
GA4 GB4 LCM4 OVD4 GND GA5
______________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
ABSOLUTE MAXIMUM RATINGS
Voltage on VCC, SDA, and SCL Relative to Ground.............................................-0.5V to +6.0V Voltage on Leads Other than VCC, SDA, and SCL................................-0.5V to (VCC + 0.5V), not to exceed +6.0V Operating Temperature Range ...........................-40C to +85C EEPROM Programming Temperature Range .........0C to +70C Storage Temperature Range .............................-55C to +125C Soldering Temperature...................See J-STD-020 Specification
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
(TA = -40C to +85C.)
PARAMETER Supply Voltage Input Logic 1 Input Logic 0 SVM Voltage Range BRIGHT Voltage Range LCM Voltage Range OVD Voltage Range Gate-Driver Output Charge Loading SYMBOL VCC VIH VIL VSVM VBRIGHT VLCM VOVD QG (Note 2) (Note 2) (Note 1) CONDITIONS MIN 4.5 0.7 x VCC -0.3 -0.3 -0.3 -0.3 -0.3 TYP MAX 5.5 VCC + 0.3 0.3 x VCC VCC + 0.3 VCC + 0.3 VCC + 0.3 VCC + 0.3 20 UNITS V V V V V V V nC
ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, TA = -40C to +85C.)
PARAMETER Supply Current Input Leakage (Digital Pins) Output Leakage (SDA, FAULT) Low-Level Output Voltage (SDA, Fault) Low-Level Output Voltage (PSYNC, LSYNC) Low-Level Output Voltage (GA, GB) High-Level Output Voltage (PSYNC, LSYNC) SYMBOL ICC IL ILO VOL1 VOL2 VOL3 VOL4 VOH1 High impedance IOL1 = 3mA IOL2 = 6mA IOL3 = 4mA IOL4 = 4mA IOH1 = -1mA VCC - 0.4 CONDITIONS GA, GB loaded with 600pF, 8 channels active -1.0 -1.0 MIN TYP 15 MAX 20 +1.0 +1.0 0.4 0.6 0.4 0.4 UNITS mA A A V V V V
2
_____________________________________________________________________
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.5V to +5.5V, TA = -40C to +85C.)
PARAMETER High-Level Output Voltage (GA, GB) UVLO Threshold--VCC Rising UVLO Threshold--VCC Falling UVLO Hysteresis SVM Threshold SVM Hysteresis LCM and OVD Source Current LCM and OVD Sink Current LCM and OVD DC Bias Voltage LCM and OVD Input Resistance Lamp Off Threshold Lamp Overcurrent Threshold Lamp Regulation Threshold OVD Threshold Lamp Frequency Range Lamp Frequency Source Frequency Tolerance Lamp Frequency Receiver Duty Cycle DPWM Frequency Range DPWM Source Frequency Tolerance DPWM Receiver Duty Cycle DPWM Receiver Frequency Range DPWM Receiver Minimum Pulse Width BRIGHT Voltage--Minimum Brightness BRIGHT Voltage--Maximum Brightness Gate-Driver Output Rise/Fall Time GAn and GBn Duty Cycle VDCB RDCB VLOT VLOC VLRT VOVDT fLF:OSC fLFS:TOL fLFR:DUTY fD:OSC fDSR:TOL fDFE:DUTY fDR:OSC tDR:MIN VBMIN VBMAX tR/tF CL = 600pF (Note 5) 2.0 100 44 (Note 4) POSC resistor 2% over temperature LOSC resistor 2% over temperature (Note 3) (Note 3) (Note 3) (Note 3) 0.3 1.8 0.9 0.9 40 -5 40 22.5 -5 40 22.5 25 0.5 SYMBOL VOH2 VUVLOR VUVLOF VUVLOH VSVMT VSVMH 1.8 3.7 100 2.0 50 4 4 1.35 50 0.4 2.0 1.0 1.0 0.5 2.2 1.1 1.1 80 +5 60 440.0 +5 60 440.0 2.2 IOH2 = -1mA CONDITIONS MIN VCC - 0.4 4.3 TYP MAX UNITS V V V mV V mV A A V k V V V V kHz % % Hz % % Hz s V V ns %
_____________________________________________________________________
3
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
I2C AC ELECTRICAL CHARACTERISTICS (See Figure 9)
(VCC = +4.5V to +5.5V, timing referenced to VIL(MAX) and VIH(MIN), TA = -40C to +85C.)
PARAMETER SCL Clock Frequency Bus Free Time Between Stop and Start Conditions Hold Time (Repeated) Start Condition Low Period of SCL High Period of SCL Data Hold Time Data Setup Time Start Setup Time SDA and SCL Rise Time SDA and SCL Fall Time Stop Setup Time SDA and SCL Capacitive Loading EEPROM Write Time SYMBOL fSCL tBUF tHD:STA tLOW tHIGH tHD:DAT tSU:DAT tSU:STA tR tF tSU:STO CB tW (Note 8) (Note 9) 20 (Note 8) (Note 8) (Note 7) (Note 6) CONDITIONS MIN 0 1.3 0.6 1.3 0.6 0 100 0.6 20 + 0.1CB 20 + 0.1CB 0.6 400 30 300 300 0.9 TYP MAX 400 UNITS kHz s s s s s ns s ns ns s pF ms
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = +4.5V to +5.5V)
PARAMETER EEPROM Write Cycles SYMBOL CONDITIONS +70C (Note 10) MIN 50,000 TYP MAX UNITS Cycles
Note 1: All voltages are referenced to ground, unless otherwise noted. Currents into the IC are positive, out of the IC negative. Note 2: During fault conditions, the AC-coupled feedback values are allowed to be outside the Absolute Max Rating of the LCM or OVD pin for up to 1 second. Note 3: Voltage with respect to VDCB. Note 4: This is the minimum pulse width guaranteed to generate an output burst, which will generate the DS3988's minimum burst duty cycle. This duty cycle may be greater than the duty cycle of the PSYNC input. Once the duty cycle of the PSYNC input is greater than the DS3988's minimum duty cycle, the output's duty cycle will track the PSYNC's duty cycle. Leaving PSYNC low (0% duty cycle) disables the GAn and GBn outputs in DPWM Slave mode. Note 5: This is the maximum lamp frequency duty cycle that will be generated at any of the GAn or GBn outputs. Note 6: I2C interface timing shown is for fast-mode (400kHz) operation. This device is also backward compatible with I2C standard-mode timing. Note 7: After this period, the first clock pulse can be generated. Note 8: CB--total capacitance allowed on one bus line in picofarads. Note 9: EEPROM write time applies to all the EEPROM memory. EEPROM write begins after a stop condition occurs. Note 10: Guaranteed by design.
4
_____________________________________________________________________
8-Channel Cold-Cathode Fluorescent Lamp Controller
Typical Operating Characteristics
(VCC = +5.0V, TA = +25C, unless otherwise noted.)
ACTIVE SUPPLY CURRENT vs. SUPPLY VOLTAGE
DS3988 toc01
DS3988
ACTIVE SUPPLY CURRENT vs. TEMPERATURE
19 18 SUPPLY CURRENT (mA) 17 16 15 14 13 12 fLF:OSC = 71kHz GATE QC = 3.5nC -40 -15 10 35 VCC = 4.5V VCC = 5.0V VCC = 5.5V
DS3988 toc02
INTERNAL FREQUENCY CHANGE vs. TEMPERATURE
3 FREQUENCY CHANGE (%) 2 1 0 -1 -2 -3 -4 -40 -15 10 35 60 85 DPWM FREQUENCY LAMP FREQUENCY
DS3988 toc03
20
4
19 SUPPLY CURRENT (mA) 17 15
fLF:OSC = 71kHz GATE QC = 3.5nC
DPWM = 100%
DPWM = 50% 13 11 9 7 5 4.5 4.7 4.9 5.1 5.3 5.5 SUPPLY VOLTAGE (V) SVM = 0V DPWM = 10%
11 10
DPWM = 100% 60 85
TEMPERATURE (C)
TEMPERATURE (C)
TYPICAL OPERATION AT 12V
DS3988 toc04
TYPICAL OPERATION AT 15V
DS3988 toc05
TYPICAL OPERATION AT 18V
DS3988 toc06
10s 5.0V GA 10s 5.0V GB 10s 2.0V LCM 10s 2.0V OVD
10s 5.0V GA 10s 5.0V GB 10s 2.0V LCM 10s 2.0V OVD
10s 5.0V GA 10s 5.0V GB 10s 2.0V LCM
10s 2.0V OVD
TYPICAL STARTUP WITH SVM
2ms 2.0V SVM
DS3988 toc07
BURST DIMMING AT 150Hz AND 10%
DS3988 toc08
1ms 5.0V GA 1ms 5.0V GB 1ms 2.0V LCM
2ms 5.0V GB 2ms 2.0V LCM
2ms 2.0V OVD
1ms 2.0V OVD
_____________________________________________________________________
5
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
Typical Operating Characteristics (continued)
(VCC = +5.0V, TA = +25C, unless otherwise noted.)
BURST DIMMING AT 150Hz AND 50%
DS3988 toc09
SOFT-START AT VINV = 18V
DS3988 toc10
LAMP STRIKE--EXPANDED VIEW
DS3988 toc11
1ms 5.0V GA 1ms 5.0V GB 1ms 2.0V LCM 1ms 2.0V OVD
50s 5.0V GA 50s 5.0V GB 50s 2.0V LCM
1ms 5.0V GA 1ms 5.0V GB 1ms 2.0V LCM 1ms 2.0V OVD
50s 2.0V OVD
LAMP STRIKE WITH OPEN LAMP AUTORETRY ENABLED
DS3988 toc12
LAMP STRIKE WITH OPEN LAMP AUTORETRY DISABLED
DS3988 toc13
STAGGERED BURST DIMMING START
0.1ms 5.0V GA1 0.1ms 5.0V GA2 0.1ms 5.0V GA3
DS3988 toc14 DS3988 toc16
50ms 5.0V GA 50ms 5.0V GB 50ms 2.0V LCM 50ms 2.0V OVD
50ms 5.0V GA 50ms 5.0V GB 50ms 2.0V LCM
50ms 2.0V OVD
0.1ms 5.0V GA4
LAMP-OUT (LAMP OPENED) AUTORETRY DISABLED
0.5ms 5.0V GA 0.5ms 5.0V GB
DS3988 toc15
LAMP-OUT (LAMP OPENED) AUTORETRY ENABLED
50ms 5.0V GA 50ms 5.0V GB
0.5ms 2.0V LCM 0.5ms 2.0V OVD
50ms 2.0V LCM 50ms 2.0V OVD
6
_____________________________________________________________________
8-Channel Cold-Cathode Fluorescent Lamp Controller
Pin Description
NAME PINS BY CHANNEL (n = 1-8) CH 1 1 CH 2 5 CH 3 9 CH 4 14 CH 5 19 CH 6 25 CH 7 29 CH 8 33 DESCRIPTION MOSFET A Gate Drive. Connect directly to logiclevel mode n-channel MOSFET. Leave open if channel is unused. MOSFET B Gate Drive. Connect directly to logiclevel mode n-channel MOSFET. Leave open if channel is unused. Lamp Current Monitor Input. Lamp current is monitored by measuring a voltage across a resistor placed in series with the low-voltage side of the lamp. Leave open if channel is unused. Overvoltage Detection. Lamp voltage is monitored through a capacitor-divider placed on the high-voltage side of the transformer. Leave open if channel is unused.
DS3988
GAn
GBn
2
6
10
15
20
26
30
34
LCMn
3
7
11
16
21
27
31
35
OVDn
4
8
12
17
22
28
32
36
NAME GND VCC SDA SCL FAULT
PIN 13, 18, 24, 45 23, 48 37 38 39 Ground Connection Power-Supply Connection
DESCRIPTION
Serial Data Input/Output. I2C bidirectional data pin, which requires a pullup resistor to realize high logic levels. Serial Clock Input. I2C clock input. Fault Output. Active-low, open-drain, requires external pullup resistor to realize high logic levels. Lamp Frequency Input/Output. This pin is the input for an externally sourced lamp frequency when the DS3988 is configured as a lamp frequency receiver. If the DS3988 is configured as a lamp frequency source (i.e., the lamp frequency is generated internally), the frequency is output on this pin for use by other lamp frequency receiver DS3988s. Lamp Oscillator Resistor Adjust. A resistor to ground on this lead sets the frequency of the lamp oscillator. Address Select Input. Determines the DS3988's I2C slave address. DPWM Input/Output. This pin is the input for an externally generated DPWM signal when the DS3988 is configured as a DPWM receiver. If the DS3988 is configured as a DPWM source (i.e., the DPWM signal is generated internally), the DPWM signal is output on this pin for use by other DPWM receiver DS3988s. DPWM Oscillator Resistor Adjust. A resistor to ground on this lead sets the frequency of the DPWM oscillator (dimming clock). This lead can optionally accept a 22.5Hz to 440Hz clock as the source timing for the internal DPWM signal. Analog Brightness Control Input. Used to control DPWM dimming. Ground when using a PWM signal at PSYNC to control brightness. Supply Voltage Monitor Input. Used to monitor the inverter voltage for undervoltage conditions.
LSYNC
40
LOSC A0 PSYNC
41 42 43
POSC
44
BRIGHT SVM
46 47
_____________________________________________________________________
7
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
Functional Diagram
EEPROM I2C DEVICE CONFIGURATION PORT SDA SCL A0 I2CCOMPATIBLE INTERFACE CONTROL REGISTERS 8-BYTE USER MEMORY SYSTEM ENABLE/POR 2.0V SVM SUPPLY VOLTAGE MONITOR UVLO VCC [4.5V TO 5.5V]
DS3988
FAULT FAULT HANDLING CHANNEL FAULT CHANNEL ENABLE
LAMP FREQUENCY INPUT/OUTPUT LSYNC
40kHz TO 80kHz LFSS BIT AT CR1.2 x512 PLL 8-PHASE GENERATOR [40kHz TO 80kHz] EIGHT INDEPENDENT CCFL CONTROLLERS [20.48MHz TO 40.96MHz]
LCMn LAMP CURRENT MONITOR
EXTERNAL RESISTOR LAMP FREQUENCY SET
LOSC
40kHz TO 80kHz OSCILLATOR (5%) DPSS BIT AT CR1.3
OVDn OVERVOLTAGE DETECTION
MUX RGSO BIT AT CR1.4
0 1 1 0 MUX DPSS BIT AT CR1.3 DPWM SIGNAL MOSFET GATE GBn DRIVERS GAn
DPWM SIGNAL INPUT/OUTPUT PSYNC
ANALOG BRIGHTNESS CONTROL BRIGHT EXTERNAL RESISTOR DPWM FREQUENCY SET/ DPWM CLOCK INPUT 0 POSC 1 22.5Hz TO 440Hz OSCILLATOR (5%) MUX POSCS BIT AT CR1.1 RAMP GENERATOR
22.5Hz TO 440Hz
GND
8
_____________________________________________________________________
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
1 OF 8 CHANNELS LAMP OUT CHANNEL ENABLE CHANNEL FAULT 256 LAMP CYCLE INTEGRATOR LAMP OVERCURRENT LSE BIT AT CR1.0 DPWM SIGNAL DIGITAL CCFL CONTROLLER 256 LAMP CYCLE INTEGRATOR OVERVOLTAGE LAMP REGULATION 1.0V 2.0V PEAK DETECT/ HOLD 400mV
DS3988
LCM LAMP CURRENT MONITOR
512 x LAMP FREQUENCY [20.48MHz TO 40.96MHz] PHASED LAMP FREQUENCY [40kHz TO 80kHz]
1.0V PEAK DETECT
OVD OVERVOLTAGE DETECTION GA GB MOSFET GATE DRIVERS
GATE DRIVERS
Figure 1. Per Channel Logic Diagram
Detailed Description
The DS3988 uses a push-pull drive scheme to convert a DC voltage (5V to 24V) to the high-voltage (600VRMS to 1200VRMS) AC waveform that is required to power the CCFLs. The push-pull drive scheme uses a minimal number of external components, which reduces assembly cost and makes the printed circuit board (PC board) design easy to implement. The push-pull drive scheme also provides an efficient DC-to-AC conversion and produces near-sinusoidal waveforms. Each DS3988 channel drives two logic-level n-channel MOSFETs that are connected between the ends of a step-up transformer and ground (see Figure 1 and the Typical Operating Circuit). The transformer has a center tap on the primary side that is connected to a DC voltage supply. The DS3988 alternately turns on the two MOSFETs to create the high-voltage AC waveform on the secondary side. By varying the duration of the MOSFET turn-on times, the controller is able to accurately control the amount of current flowing through the CCFL. A resistor in series with the CCFL's ground connection enables current monitoring. The voltage across this resistor is fed to the lamp current monitor (LCM) input
on the DS3988. The DS3988 compares the peak resistor voltage against an internal reference voltage to determine the duty cycle for the MOSFET gates. Each CCFL receives independent current monitoring and control, which results in equal brightness across all of the lamps and maximizes the lamp's brightness and lifetime.
EEPROM Registers and I2C-Compatible Serial Interface
The DS3988 uses an I2C-compatible serial interface for communication with the on-board EEPROM configuration registers and user memory. The configuration registers--four Soft-Start Profile registers (SSP1/2/3/4) and two Control Registers (CR1/2)--allow the user to customize many DS3988 parameters such as the soft-start ramp rate, the lamp and dimming frequency sources, fault-monitoring options, and channel enabling/disabling. The eight bytes of nonvolatile user memory can be used to store manufacturing data such as date codes, serial numbers, or product identification numbers. The device is shipped from the factory with the configuration registers programmed to a set of default configuration parameters. To inquire about custom factory programming, email MixedSignal.Apps@dalsemi.com.
_____________________________________________________________________
9
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
Channel Phasing
The lamp-frequency MOSFET gate turn-on times are equally phased among the eight channels during the burst period. This reduces the inrush current that would result from all lamps switching simultaneously, and hence eases the design requirements for the DC supply. Figure 2 details how the eight channels are phased. Note that it is the lamp-frequency signals that are phased, NOT the DPWM signals. lamp frequency (40kHz to 80kHz) as shown in Figure 6. This part of the cycle is called the "burst" period because of the lamp frequency burst that occurs during this time. During the low period of the DPWM cycle, the controller disables the MOSFET gate drivers so the lamps are not driven. This causes the current to stop flowing in the lamps, but the time is short enough to keep the lamps from de-ionizing. Dimming is increased/ decreased by adjusting (i.e., modulating) the duty cycle of the DPWM signal. The DS3988 can generate its own DPWM signal internally (set DPSS = 0 in CR1), which can then be sourced to other DS3988s if required, or the DPWM signal can be supplied from an external source (set DPSS = 1 in CR1).
Lamp Dimming Control (DPWM)
The DS3988 uses a digital pulse-width modulated (DPWM) signal (22.5Hz to 440Hz) to provide efficient and precise lamp dimming. During the high period of the DPWM cycle, the lamps are driven at the selected
CHANNEL SEQUENCE
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8 VARIABLE MOSFET GATE DUTY CYCLE
GA1 GB1
GA2 GB2
GA3 GB3
GA4 GB4
GA5 GB5
GA6 GB6
GA7 GB7
GA8 GB8
MOSFET GATEDRIVE SIGNALS AT LAMP FREQUENCY
DIMMING CLOCK (DPWM) FREQUENCY
Figure 2. Channel Phasing Detail 10 ____________________________________________________________________
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
RESISTOR-SET DIMMING CLOCK EXTERNAL DIMMING CLOCK
ANALOG DIMMING CONTROL VOLTAGE 0.5V DPWM SIGNAL 22.5Hz TO 440Hz
2.0V BRIGHT
ANALOG DIMMING CONTROL VOLTAGE 0.5V DPWM SIGNAL 22.5Hz TO 440Hz EXTERNAL DIMMING CLOCK 22.5Hz to 440Hz
2.0V BRIGHT
PSYNC (OUTPUT) POSC
PSYNC (OUTPUT) POSC
RESISTOR TO SET THE DIMMING FREQUENCY
Figure 3. DPWM Source Configuration Options
BRIGHT
DPWM SIGNAL 22.5Hz TO 440Hz
PSYNC (OUTPUT)
POSC
Figure 4. The DPWM Receiver Configuration
To generate the DPWM signal internally, the DS3988 requires a clock (referred to as the dimming clock) to set the DPWM frequency. The user can supply the dimming clock by setting POSCS = 1 in CR1 and applying an external 22.5Hz to 440Hz signal at the POSC pin, or DS3988's clock can be generated by the DS3988's oscillator (set POSCS = 0 in CR1), in which case the frequency is set by an external resistor at the POSC pin. These two dimming clock options are shown in Figure 3. Regardless of whether the dimming clock is generated internally or sourced externally, the POSC1 and POSC2 bits in CR2 must be set to match the desired dimming clock frequency. When the DPWM signal is generated internally, its duty cycle (and, thus, the lamp brightness) is controlled by a user-applied analog voltage at the BRIGHT input. A BRIGHT voltage less than 0.5V will cause the DS3988 to operate with the minimum burst duty cycle, providing the lowest brightness setting, while any voltage greater than 2.0V will cause a 100% burst duty cycle (i.e., lamps always being driven), which provides the maximum
brightness. For voltages between 0.5V and 2V the duty cycle will vary linearly between the minimum and 100%. The internally generated DPWM signal is available at the PSYNC I/O pin (set RGSO = 0 in CR1) for sourcing to other DS3988s, if any, in the circuit. This allows all DS3988s in the system to be synchronized to the same DPWM signal. The DS3988 that is generating the DPWM signal for other DS3988s in the system is referred to as the DPWM source. When the DPWM signal is provided by an external source, either from the PSYNC pin of another DS3988 or from some other user-generated source, it is input into the PSYNC I/O pin of the DS3988. In this mode, the BRIGHT and POSC inputs are disabled and should be grounded (see Figure 4). When multiple DS3988s are used in a design, DS3988s configured to use externally generated DPWM signals are referred to as DPWM receivers.
Lamp Frequency Configuration
The DS3988 can generate its own lamp frequency clock internally (set LFSS = 0 in CR1), which can then be sourced to other DS3988s if required, or the lamp clock can be supplied from an external source (set LFSS = 1 in CR1). When the lamp clock is internally generated, the frequency (40kHz to 80kHz) is set by an external resistor at the LOSC. In this case, the DS3988 can act as a lamp frequency source because the lamp clock is output at the LSYNC I/O pin for synchronizing any other DS3988s configured as lamp frequency receivers. The DS3988 acts as a lamp frequency receiver when the lamp clock is supplied externally. In this case, a 40kHz to 80kHz clock must be supplied at the LSYNC I/O. The external clock can originate from the LSYNC I/O of a DS3988 configured as a lamp frequency source or from some other source.
____________________________________________________________________
11
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
ANALOG BRIGHTNESS 0.5V RESISTOR-SET DIMMING FREQUENCY RESISTOR-SET LAMP FREQUENCY 2.0V ANALOG BRIGHTNESS BRIGHT PSYNC LSYNC POSC LOSC BRIGHT PSYNC 0.5V 2.0V BRIGHT PSYNC LSYNC POSC RESISTOR-SET DIMMING FREQUENCY LOSC BRIGHT
DS3988
LAMP FREQUENCY SOURCE DPWM SOURCE
LAMP CLOCK (40kHz TO 80kHz)
DS3988
LAMP FREQUENCY RECEIVER DPWM SOURCE
DS3988
PSYNC
DS3988
LSYNC LAMP FREQUENCY RECEIVER POSC DPWM RECEIVER LOSC
LSYNC LAMP FREQUENCY RECEIVER POSC DPWM RECEIVER LOSC
ANALOG BRIGHTNESS 0.5V
2.0V
BRIGHT PSYNC
ANALOG BRIGHTNESS 0.5V
2.0V
BRIGHT PSYNC LSYNC POSC LOSC BRIGHT
DS3988
LAMP FREQUENCY SOURCE DPWM SOURCE
DIMMING CLOCK (22.5Hz TO 440Hz) RESISTOR-SET LAMP FREQUENCY
LSYNC POSC LOSC BRIGHT PSYNC
LAMP CLOCK (40kHz TO 80kHz) DIMMING CLOCK (22.5Hz TO 440Hz)
DS3988
LAMP FREQUENCY RECEIVER DPWM SOURCE
DS3988
PSYNC
DS3988
LSYNC LAMP FREQUENCY RECEIVER POSC DPWM RECEIVER LOSC
LSYNC LAMP FREQUENCY RECEIVER POSC DPWM RECEIVER LOSC
DPWM SIGNAL (22.5Hz TO 440Hz)
BRIGHT PSYNC LSYNC POSC
DPWM SIGNAL (22.5Hz TO 440Hz)
BRIGHT PSYNC LSYNC POSC LOSC BRIGHT
DS3988
LAMP FREQUENCY SOURCE DPWM RECEIVER LAMP CLOCK (40kHz TO 80kHz)
DS3988
LAMP FREQUENCY RECEIVER DPWM RECEIVER
RESISTOR-SET LAMP FREQUENCY
LOSC BRIGHT PSYNC
DS3988
PSYNC
DS3988
LSYNC LAMP FREQUENCY RECEIVER POSC DPWM RECEIVER LOSC
LSYNC LAMP FREQUENCY RECEIVER POSC DPWM RECEIVER LOSC
Figure 5. Frequency Configuration Options for Designs Using Multiple DS3988s
Configuring Systems with Multiple DS3988s
The source and receiver options for the lamp frequency clock and DPWM signal allow multiple DS3988s to be synchronized in systems requiring more than 8 lamps. The lamp and dimming clocks can either be generated
12
on board the DS3988 using external resistors to set the frequency, or they can be sourced by the host system to synchronize the DS3988 to other system resources. Figure 5 shows various multiple DS3988 configurations that allow both lamp and/or DPWM synchronization for all DS3988s in the system.
____________________________________________________________________
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
DPWM SIGNAL 22.5Hz TO 440Hz
LAMP CURRENT
SOFT-START SOFT-START (EXPANDED) LAMP CYCLE GAn/GBn MOSFET GATE DRIVERS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
SOFT-START PROFILE REGISTER
SSP1. 0-3
SSP1. 4-7
SSP2. 0-3
SSP2. 4-7
SSP3. 0-3
SSP3. 4-7
SSP4. 0-3
SSP4. 4-7
PROGRAMMABLE SOFT-START PROFILE WITH INCREASING MOSFET PULSE WIDTHS OVER A 16 LAMP CYCLE PERIOD RESULTS IN A LINEAR RAMP IN LAMP CURRENT.
LAMP CURRENT
Figure 6. Digital PWM Dimming and Soft-Start
DPWM Soft-Start
At the beginning of each lamp burst, the DS3988 provides a soft-start that slowly increases the MOSFET gate-driver duty cycle (see Figure 6). This minimizes the possibility of audible transformer noise that could result from current surges in the transformer primary. The soft-start length is fixed at 16 lamp cycles, but the soft-start ramp profile is programmable through the four Soft-Start Profile registers (SSP1/2/3/4) and can be
adjusted to match the application. There are seven different driver duty cycles to select from to customize the soft-start ramp (see Table 1). The available duty cycles range from 0% to 19% in ~3% increments. In addition, the MOSFET duty cycle from the last lamp cycle of the previous burst can be used as part of the soft-start ramp by using the Most Recent Value duty-cycle code. Each programmed MOSFET gate duty cycle repeats twice to make up the 16 soft-start lamp cycles.
____________________________________________________________________
13
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
Setting the Lamp and Dimming Clock (DPWM) Frequencies Using External Resistors
Both the lamp and dimming clock frequencies can be set using external resistors. The resistance required for either frequency can be determined using the following formula: ROSC = K fOSC
R1 VINV
R2 SVM
DS3988
where K = 1600k*kHz for lamp frequency calculations. When calculating the resistor value for the dimming clock frequency, K will be one of four values as determined by the desired frequency and the POSCR0 and POSCR1 bit settings as shown in the Control Register 2 (CR2) table 4 in the Detailed Register Descriptions section. Example: Selecting the resistor values to configure a DS3988 to have a 50kHz lamp frequency and a 160Hz dimming clock frequency: For this configuration, POSCR0 and POSCR1 must be programmed to 1 and 0, respectively, to select 90Hz to 220Hz as the dimming clock frequency range. This sets K for the dimming clock resistor (RPOSC) calculation to 4k*kHz. For the lamp frequency resistor (RLOSC) calculation, K = 1600k*kHz, which allows the lamp frequency K value regardless of the frequency. The formula above can now be used to calculate the resistor values for RLOSC and RPOSC as follows: 1600k * kHz = 32k, 50kHz 4k * kHz = 25.0k RPOSC = 0.160kHz RLOSC =
2.0V
EXAMPLE: R1 = 10k, R2 = 40k SETS AN SVM TRIP POINT OF 10V
Figure 7. Setting the SVM Threshold Voltage
problems. Proper use of the SVM can prevent these problems. If desired, the SVM can be disabled by connecting the SVM pin to VCC. R + R2 VTRIP = 2.0 1 R1 The VCC monitor is used as a 5V supply undervoltage lockout (UVLO) that prevents operation when the DS3988 does not have adequate voltage for its analog circuitry to operate or to drive the external MOSFETs. The VCC monitor features hysteresis to prevent VCC noise from causing spurious operation when VCC is near the trip point. This monitor cannot be disabled by any means.
Fault Monitoring Supply Monitoring
The DS3988 monitors both the transformer's DC supply and its own VCC supply to ensure that both voltage levels are adequate for proper operation. The inverter's transformer supply (VINV) is monitored using an external resistor-divider that is the input into a comparator (see Figure 7) with a 2V threshold. Using the equation below to determine the resistor values, the supply voltage monitor (SVM) trip point (VTRIP) can be customized to shut off the inverter when the transformer's input voltage drops below any specified value. Operating with the transformer's supply at too low of a level can prevent the inverter from reaching the strike voltage and could potentially cause numerous other The DS3988 provides extensive fault monitoring for each channel. It can detect open-lamp, lamp overcurrent, failure to strike, and overvoltage conditions. The DS3988 can be configured to disable all channels if one or more channels enter a Fault State, or it can be configured to disable only the channel where the fault occurred. Once a Fault State has been entered, the FAULT output is asserted and the channel(s) remain disabled until either the DS3988 is power-cycled or the inverter's DC supply is power-cycled. The DS3988 can also be configured to automatically attempt to clear a detected fault (except lamp overcurrent) by restriking the lamp, as explained in Step 4. Configuration bits for the fault monitoring options are located in CR1 and CR2.
14
____________________________________________________________________
8-Channel Cold-Cathode Fluorescent Lamp Controller
Figure 8 shows a flowchart of how the DS3988 controls and monitors each lamp. The steps are as follows: 1) Supply Check--The lamps will not turn on unless the DS3988 supply voltage is 4.5V and the voltage at the supply voltage monitor (SVM) input is 2V. 2) Strike Lamp--When both the DS3988 and the DC inverter supplies are above the minimum values, the DS3988 will attempt to strike each enabled lamp for 768 lamp cycles [1 lamp cycle (seconds) = 1/lamp frequency (Hertz)]. If the lamp doesn't strike during that time, the DS3988 will go into a fault-handling stage (step 4). The DS3988 detects that the lamp has struck by measuring the current flow through the lamp. Also, if an overvoltage event is detected during the strike attempt, the DS3988 will disable the MOSFET gate drivers and go to the fault-handling stage. If a lamp overcurrent is detected, the DS3988 will immediately enter a Fault State. 3) Run Lamp--Once the lamp is struck, the DS3988 adjusts the MOSFET gate duty cycle to optimize the lamp current. The lamp current sampling rate is userselectable with the LSR0 and LSR1 bits in CR2. If the lamp current ever drops below the Open Lamp reference point for 256 lamp cycles, the lamp is considered extinguished. If this occurs or if an overvoltage event is detected while the lamp is running, the DS3988 will disable the MOSFET gate drivers and go to the fault-handling stage. If a lamp overcurrent is detected, the DS3988 will immediately enter a Fault State. 4) Fault Handling--The DS3988 can be configured to automatically restrike the lamp(s) in an attempt to clear the detected fault condition (except for lamp overcurrent faults). The automatic retry will make up to 15 re-strike attempts before entering a Fault State. Between each of the 15 retries, the controller will wait 1024 lamp cycles. If after any of the retries the fault has cleared, normal operation will resume. In the case of a lamp overcurrent fault, the DS3988 will skip the automatic retry even if it is enabled and will immediately enter a Fault State.
DS3988
FAULT-HANDLING STAGE 4 1 DEVICE AND INVERTER SUPPLIES ABOVE MINIMUM LEVEL? YES NO FAULT COUNTER = 15? YES FAULT WAIT [1024 LAMP CYCLES] YES
FAULT STATE [ACTIVATE FAULT OUTPUT]
NO AUTORETRY ENABLED? [ARD BIT AT CR1.5] INCREMENT FAULT COUNTER
RESET FAULT COUNTER AND FAULT OUTPUT
2 FAULT FAULT STRIKE LAMP LAMP STRIKE TIMEOUT [LAMP OUT FOR 768 LAMP CYCLES]
FAULT OVERVOLTAGE [256 LAMP CYCLES] LAMP OVERCURRENT [INSTANTANEOUS RESPONSE IF ENABLED WITH THE LOC BIT AT CR1.0] LAMP STRIKES CORRECTLY FAULT RUN LAMP FAULT 3 MOSFET GATE DRIVERS ENABLED FAULT LAMP EXTINGUISHED [LAMP OUT FOR 256 LAMP CYCLES]
Figure 8. Fault-Handling Flow Chart ____________________________________________________________________ 15
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
Detailed Register Descriptions
The DS3988's Register Map is shown in Table 1. Detailed register and bit descriptions follow in the subsequent tables. Soft-Start Profile (SSPx) Registers--Each of the four soft-start profile registers (SSP1-4) contains two 4-bit codes that determine the MOSFET's duty cycle (MDC) for two clock cycles each (see Figure 6) at the beginning of each DPWM burst. Table 2 shows the duty cycles that correspond to each code. Selecting the Most Recent Value instructs the DS3988 to use the MOSFET duty cycle that was used for the last lamp cycle of the previous burst.
Table 2. MOSFET Duty Cycle (MDC) Codes for Soft-Start Settings
MDC CODE (BINARY)* X000 X001 X010 X011 X100 X101 X110 X111 MOSFET DUTY CYCLE Fixed at 0% Fixed at 3% Fixed at 6% Fixed at 9% Fixed at 13% Fixed at 16% Fixed at 19% Most Recent Value
*The most significant bit of each MDC code is ignored.
Table 1. Register Map
BYTE ADDRESS F0h F1h F2h F3h F4h F5h F6h F7h F8-FFh BYTE NAME SSP1 SSP2 SSP3 SSP4 CR1 CR2 CR3 Reserved User Memory FACTORY DEFAULT* 21h 43h 65h 77h 00h 08h 00h -- 00h BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0
MDC code for soft-start lamp cycles 3, 4 MDC code for soft-start lamp cycles 7, 8 MDC code for soft-start lamp cycles 11, 12 MDC code for soft-start lamp cycles 15, 16 DPD LD2 -- EE FRS LD1 -- EE ARD LD0 -- EE RGSO LSR1 -- EE
MDC code for soft-start lamp cycles 1, 2 MDC code for soft-start lamp cycles 5, 6 MDC code for soft-start lamp cycles 9, 10 MDC code for soft-start lamp cycles 13, 14 DPSS LSR0 -- EE LFSS POSCR1 -- EE POSCS POSCR0 -- EE LOC UMWP -- EE
Do not modify. If it has been modified, restore to all zeros.
*All the configuration settings are saved in nonvolatile (EEPROM) memory.
16
____________________________________________________________________
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
Table 3. Control Register 1 (CR1)
BIT NAME FUNCTION Lamp Overcurrent. 0 = Lamp overcurrent detection disabled. 1 = Lamp overcurrent detection enabled. Note: Gate duty cycle changes during soft-start larger than 5% can cause false LOC fault.
0
LOC
1
POSC Select. See POSCR0 and POSCR1 bits in Control Register 2 to select the oscillator range. POSCS 0 = Connect POSC to ground with a resistor to set the dimming frequency. 1 = Connect POSC to an external 22.5Hz to 440Hz dimming clock to set the dimming frequency. Lamp Frequency Source Select. 0 = Lamp frequency source mode. The lamp frequency is generated internally and sourced at the LSYNC output for use by lamp frequency receivers. 1 = Lamp frequency receiver mode. The lamp frequency must be provided at the LSYNC input. DPWM Signal Source Select. 0 = DPWM source mode. DPWM signal is generated internally, and can be output at PSYNC pin (see RGSO bit). 1 = DPWM receiver mode. DPWM signal is generated externally and supplied at the PSYNC input. Ramp Generator Source Option. 0 = Sources DPWM at the PSYNC output. 1 = Sources the internal ramp generator at PSYNC output. Autoretry Disable. 0 = Autoretry function enabled. 1 = Autoretry function disabled. Fault Response Select. 0 = Disable only the malfunctioning channel. 1 = Disable all channels upon fault detection at any channel. DPWM Disable. 0 = DPWM function enabled. 1 = DPWM function disabled. DPWM set to 100% duty cycle.
2
LFSS
3
DPSS
4
RGSO
5
ARD
6
FRS
7
DPD
____________________________________________________________________
17
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
Table 4. Control Register 2 (CR2)
BIT 0 NAME UMWP User Memory Write Protect. 0 = User Memory Write Access Blocked 1 = User Memory Write Access Permitted FUNCTION
1
POSCR0
DPWM Oscillator Range Select. When using an external source for the dimming clock, these bits must be set to match the external oscillator's frequency. When using a resistor to set the dimming frequency, these bits plus the external resistor control the frequency. POSCR1 POSCR0 0 1 0 1 DIMMING CLOCK (DPWM) FREQUENCY RANGE (Hz) 22.5 to 55.0 45 to 110 90 to 220 180 to 440 K (k * kHz) 1 2 4 8
2
POSCR1
0 0 1 1
Lamp Sample Rate Select. Determines the feedback sample rate of the LCM inputs 3 LSR0 LSR1 0 0 4 LSR1 1 1 LSR0 0 1 0 1 SELECTED LAMP SAMPLE RATE 4 Lamp Frequency Cycles 8 Lamp Frequency Cycles 16 Lamp Frequency Cycles 32 Lamp Frequency Cycles EXAMPLE SAMPLE RATE IF LAMP FREQUENCY IS 50kHZ 12500Hz 6250Hz 3125Hz 1563Hz
Lamp Disable. Used to disable channels if all 8 are not required for an application. 5 LD0 LD2 0 0 0 6 LD1 0 1 1 7 LD2 1 1 LD1 0 0 1 1 0 0 1 1 LD0 0 1 0 1 0 1 0 1 CHANNELS DISABLED All Channels Enabled 8 4/8 2/4/8 2/4/6/8 2/4/6/7/8 2/3/4/6/7/8 2/3/4/5/6/7/8 NUMBER OF ACTIVE LAMP CHANNELS 8 7 6 5 4 3 2 1
18
____________________________________________________________________
8-Channel Cold-Cathode Fluorescent Lamp Controller
I2C Definitions
The following terminology is commonly used to describe I2C data transfers. Master Device: The master device controls the slave devices on the bus. The master device generates SCL clock pulses, start, and stop conditions. Slave Devices: Slave devices send and receive data at the master's request. Bus Idle or Not Busy: Time between stop and start conditions when both SDA and SCL are inactive and in their logic-high states. Start Condition: A start condition is generated by the master to initiate a new data transfer with a slave. Transitioning SDA from high to low while SCL remains high generates a start condition. See the timing diagram for applicable timing. Stop Condition: A stop condition is generated by the master to end a data transfer with a slave. Transitioning SDA from low to high while SCL remains high generates a stop condition. See the timing diagram for applicable timing. Repeated Start Condition: The master can use a repeated start condition at the end of one data transfer to indicate that it will immediately initiate a new data transfer following the current one. Repeated starts are commonly used during read operations to identify a specific memory address to begin a data transfer. A repeated start condition is issued identically to a normal start condition. See the timing diagram for applicable timing. Bit Write: Transitions of SDA must occur during the low state of SCL. The data on SDA must remain valid and unchanged during the entire high pulse of SCL plus the setup and hold time requirements (see Figure 9). Data is shifted into the device during the rising edge of the SCL. Bit Read: At the end of a write operation, the master must release the SDA bus line for the proper amount of setup time (see Figure 9) before the next rising edge of SCL during a bit read. The device shifts out each bit of data on SDA at the falling edge of the previous SCL pulse and the data bit is valid at the rising edge of the current SCL pulse. Remember that the master generates all SCL clock pulses including when it is reading bits from the slave. Acknowledgement (ACK and NACK): An acknowledgement (ACK) or not acknowledge (NACK) is always the 9th bit transmitted during a byte transfer. The device receiving data (the master during a read or the slave during a write operation) performs an ACK by transmitting a zero during the 9th bit. A device performs a NACK by transmitting a one during the 9th bit. Timing (Figure 9) for the ACK and NACK is identical to all other bit writes. An ACK is the acknowledgment that the device is properly receiving data. A NACK is used to terminate a read sequence or as an indication that the device is not receiving data.
DS3988
SDA
tBUF tLOW tR tF
tHD:STA
tSP
SCL tHD:STA STOP START tHD:DAT tHIGH tSU:DAT REPEATED START tSU:STA tSU:STO
NOTE: TIMING IS REFERENCE TO VIL(MAX) AND VIH(MIN).
Figure 9. I2C Timing Diagram
____________________________________________________________________
19
8-Channel Cold-Cathode Fluorescent Lamp Controller
Byte Write: A byte write consists of 8 bits of information transferred from the master to the slave (most significant bit first) plus a 1-bit acknowledgement from the slave to the master. The 8 bits transmitted by the master are done according to the bit-write definition and the acknowledgement is read using the bit-read definition. Byte Read: A byte read is an 8-bit information transfer from the slave to the master plus a 1-bit ACK or NACK from the master to the slave. The 8 bits of information that are transferred (most significant bit first) from the slave to the master are read by the master using the bit read definition, and the master transmits an ACK using the bit write definition to receive additional data bytes. The master must NACK the last byte read to terminate communication so the slave will return control of SDA to the master. Slave Address Byte: Each slave on the I 2 C bus responds to a slave addressing byte sent immediately following a start condition. The slave address byte (Figure 10) contains the slave address in the most significant seven bits and the R/W bit in the least significant bit. The DS3988's slave address is 101000A0 (binary), where A 0 is the value of the address pin (A 0). The address pin allows the device to respond to one of two possible slave addresses. By writing the correct slave address with R/W = 0, the master writes data to the slave. If R/W = 1, the master reads data from the slave. If an incorrect slave address is written, the DS3988 will assume the master is communicating with another I2C device and ignore the communications until the next start condition is sent. Memory Address: During an I2C write operation, the master must transmit a memory address to identify the memory location where the slave is to store the data. The memory address is always the second byte transmitted during a write operation following the slave address byte.
DS3988
7-BIT SLAVE ADDRESS
1
0
1
0
0
0 A0
R/W
MOST SIGNIFICANT BIT
A0 PIN VALUE
DETERMINES READ OR WRITE
Figure 10. DS3988's Slave Address Byte
I2C Communication
Writing a Data Byte to a Slave: The master must generate a start condition, write the slave address byte (R/W = 0), write the memory address, write the byte of data, and generate a stop condition. Remember the master must read the slave's acknowledgement during all byte write operations. See Figure 11 for more detail. Acknowledge Polling: Any time EEPROM is written, the DS3988 requires the EEPROM write time (tW) after the stop condition to write the contents to EEPROM. During the EEPROM write time, the DS3988 will not acknowledge its slave address because it is busy. It is possible to take advantage of that phenomenon by repeatedly addressing the DS3988, which allows the next byte of data to be written as soon as the DS3988 is ready to receive the data. The alternative to acknowledge polling is to wait for a maximum period of tW to elapse before attempting to write again to the DS3988. EEPROM Write Cycles: The number of times the DS3988's EEPROM can be written before it fails is specified in the Nonvolatile Memory Characteristics table. This specification is shown at the worst-case write temperature. The DS3988 is typically capable of handling many additional write cycles when the writes are performed at room temperature. Reading a Data Byte from a Slave: To read a single byte from the slave the master generates a start condition, writes the slave address byte with R/W = 0, writes the memory address, generates a repeated start condition, writes the slave address with R/W = 1, reads the data byte with a NACK to indicate the end of the transfer, and generates a stop condition. See Figure 11 for more detail.
20
____________________________________________________________________
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
COMMUNICATIONS KEY S START A ACK NOT ACK X X X X X WHITE BOXES INDICATE THE MASTER IS CONTROLLING SDA SHADED BOXES INDICATE THE SLAVE IS CONTROLLING SDA X X X 8-BITS ADDRESS OR DATA NOTES 1) ALL BYTES ARE SENT MOST SIGNIFICANT BIT FIRST.
P
STOP REPEATED START
N
2) THE FIRST BYTE SENT AFTER A START CONDITION IS ALWAYS THE SLAVE ADDRESS FOLLOWED BY THE READ/WRITE BIT.
SR
WRITE A SINGLE BYTE S 10 1 00 0 A0 0 A MEMORY ADDRESS A DATA A P
READ A SINGLE BYTE S 10 1 00 0 A0 0 A MEMORY ADDRESS A SR 10 1 00 0 A0 0 A DATA N P
Figure 11. I2C Communications Examples
Applications Information
Addressing Multiple DS3988s On a Common I2C Bus
Each DS3988 responds to one of two possible slave addresses based on the state of the address input (A0). For information about device addressing see the I2C Communications section.
Component Selection
External component selection has a large impact on the overall system performance and cost. The two most important external components are the transformers and n-channel MOSFETs. The transformer should be able to operate in the 40kHz to 80kHz frequency range of the DS3988, and the turns ratio should be selected so the MOSFET drivers run at 28% to 35% duty cycle during steady state operation. The transformer must be able to withstand the high open-circuit voltage that will be used to strike the lamp. Additionally, its primary/secondary resistance and inductance characteristics must be considered because they contribute significantly to determining the efficiency and transient response of the system. Table 5 shows a transformer specification that has been utilized for a 12V inverter supply, 438mm x 2.2mm lamp design. The n-channel MOSFET must have a threshold voltage that is low enough to work with logic-level signals, a low on-resistance to maximize efficiency and limit the nchannel MOSFET's power dissipation, and a breakdown voltage high enough to handle the transient. The breakdown voltage should be a minimum of 3x the inverter voltage supply. Additionally, the total gate charge must be less than QG, which is specified in the Recommended DC Operating Conditions table. These specifications are easily met by many of the dual nchannel MOSFETs now available in SO-8 packages. Table 6 lists suggested values for the external resistors and capacitors used in the typical operating circuit.
21
Power-Supply Decoupling
To achieve best results, it is recommended that each VCC pin is decoupled with a 0.01F or a 0.1F capacitor to GND. Use high-quality, ceramic, surface-mount capacitors, and mount the capacitors as close as possible to the VCC and GND pins to minimize trace inductance.
Setting the RMS Lamp Current
Resistor R8 in the typical operating circuit (Figure 12) sets the lamp current. R8 = 140 corresponds to a 5mARMS lamp current as long as the current waveform is approximately sinusoidal. The formula to determine the resistor value for a given sinusoidal lamp current is: R8 = 1 2 x ILAMP(RMS)
____________________________________________________________________
8-Channel Cold-Cathode Fluorescent Lamp Controller DS3988
Table 5. Transformer Specifications
PARAMETER Turns Ratio (Secondary/Primary) Frequency Output Power Output Current Primary DCR Secondary DCR Primary Leakage Secondary Leakage Primary Inductance Secondary Inductance Center Tap Voltage Secondary Output Voltage 100ms minimum Continuous 10.8 2000 1000 Center tap to one end 5 200 500 12 185 70 500 12 13.2 CONDITIONS (Notes 11, 12, 13) 40 MIN TYP 40 80 6 8 kHz W mA m H mH H mH V VRMS MAX UNITS
Note 11: Primary should be Bifilar wound with center tap connection. Note 12: Turns ratio is defined as secondary winding divided by the sum of both primary windings. Note 13: 40:1 is the nominal turns ratio for driving a 438mm x 2.2mm lamp with a 12V supply. Refer to AN3375 for more information.
Table 6. Resistor and Capacitor Selection Guide
DESIGNATOR R1 R2 R3 R4 R5 R6 R7 R8 C1 C2 C3 C4 C5 QTY 1 1 1 1 1 1 1 1/Ch 1/Ch 1/Ch 1/Ch 1/Ch 2/DS3988 VALUE 10k 12.5k to 105k 20k to 40k 18k to 45k 4.7k 4.7k 4.7k 140 100nF 10pF 27nF 33F 0.1F 25C TEMPERATURE TOLERANCE COEFFICIENT (%) 1 1 1 1 5 5 5 1 10 5 5 20 10 -- -- 153ppm/C 153ppm/C Any grade Any grade Any grade -- X7R 1000ppm/C X7R Any grade X7R -- See the Setting the SVM Threshold Voltage section. 2% or less total tolerance. See the Lamp Frequency Configuration section to determine value. 2% or less total tolerance. See the Lamp Frequency Configuration section to determine value. -- -- -- See the Setting the RMS Lamp Current section. Capacitor value will also affect LCM Bias voltage during power-up. A larger capacitor may cause a longer time for VDCB to reach its normal operating point. 2kV to 4kV breakdown voltage required. Capacitor value will also affect LCM Bias voltage during power-up. A larger capacitor may cause a longer time for VDCB to reach its normal operating point. -- Place close to VCC and GND on DS3988. NOTES
22
____________________________________________________________________
8-Channel Cold-Cathode Fluorescent Lamp Controller
Typical Operating Circuit
SUPPLY VOLTAGE (5V 10%) SUPPLY VOLTAGE (5V 10% TO 24V 10%) C4
DS3988
C5
R2
ANALOG BRIGHTNESS EXTERNAL DIGITAL PWM INPUT/ INTERNAL DIGITAL PWM OUTPUT EXTERNAL LAMP FREQUENCY INPUT/ INTERNAL LAMP FREQUENCY OUTPUT
BRIGHT PSYNC LSYNC LOSC POSC
VCC SVM R1 DUAL POWER MOSFET TRANSFORMER CCFL LAMP GAn C2 C3 GBn R8
DS3988
VCC R3 R4 R5 R6 R7 FAULT LCMn CONFIGURATION PORT SDA SCL A0 SEE NOTES 14, 15. GND C1 LAMP CURRENT MONITOR OVDn LAMP VOLTAGE MONITOR
Figure 12. Typical Operating Circuit Note 14: Only one channel shown to simplify drawing. Note 15: See the Component Selection section for recommended external components.
Chip Information
TRANSISTOR COUNT: 70,200 SUBSTRATE CONNECTED TO: Ground
Package Information
For the latest package outline information, go to www.maxim-ic.com/DallasPackInfo.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 23 (c) 2005 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products, Inc.
is a registered trademark of Dallas Semiconductor Corporation.


▲Up To Search▲   

 
Price & Availability of DS3988T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X